Part Number Hot Search : 
74HCT540 AP9414GM SE95DP DM74A DTA115 05040 10H60 90K65P
Product Description
Full Text Search
 

To Download BAT30AKFILM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT30 Series
Small signal Schotky diodes
Main product characteristics
IF VRRM C (typ) Tj (max) 300 mA 30 V 14 pF 150 C
BAT30JFILM (Single)
SOD-323
BAT30KFILM (Single)
SOD-523
Features and benefits

Very low conduction losses Negligible switching losses Low forward and reverse recovery times Extremely fast switching Surface mount device Low capacitance diode
BAT30FILM (Single)
SOT-23
BAT30AFILM (Common anode) BAT30SFILM (Series) BAT30CFILM (Common cathode)
Description
The BAT30 series uses 30 V Schotky barrier diodes encapsulated in a wide range of packages such as SOD-323, SOD-523, SOT-23, SOT-323, or SOT-666. This device is specially suited for switching mode applications needing low forward voltage drop diodes.
BAT30WFILM (Single) BAT30CWFILM (Common cathode) BAT30AWFILM (Common anode) BAT30SWFILM (Series)
Order codes
Part Number BAT30FILM BAT30SFILM BAT30CFILM BAT30AFILM BAT30WFILM BAT30SWFILM BAT30CWFILM BAT30AWFILM BAT30JFILM BAT30KFILM BAT30-07P6FILM BAT30-09P6FILM Marking B30 S30 C30 A30 B30 S30 C30 A30 30 30 P3 Q3
SOT-323
BAT30-07P6FILM (2 parallel diodes)
SOT-666
BAT30-09P6FILM (2 opposite diodes)
Configurations in top view
July 2006
Rev 1
1/12
www.st.com
Characteristics
BAT30 Series
1
Table 1.
Symbol VRRM IF IFSM Tstg Tj TL
Characteristics
Absolute ratings (limiting values at Tj = 25 C, unless otherwise specified)
Parameter Repetitive peak reverse voltage Continuous forward current Surge non repetitive forward current Storage temperature range Maximum operating junction temperature Maximum soldering temperature
(1)
Value 30 300 tp = 10 ms Sinusoidal 1 -65 to +150 150 260
Unit V mA A C C C
1. Pulse test: tp = 5 ms, < 2 %
Table 2.
Symbol
Thermal parameters
Parameter SOT-23 Value 500 550 600 C/W Unit
Rth(j-a)
Junction to
ambient(1)
SOT-323, SOD-323, SOD-523, SOT-666
1. On epoxy printed circuit board with recommended pad layout
Table 3.
Symbol
Static electrical characteristics
Parameter Test conditions VR = 5 V Tj = 25 C VR = 10 V VR = 25 V VR = 30 V Tj = 70 C Tj = 85 C 7 VR = 10 V IF = 0.1 mA IF = 1 mA IF = 10 mA 18 0.65 Min. Typ Max. 0.5 1 3 A 5 20 50 240 300 375 430 500 580 530 mV Unit
IR(1)
Reverse leakage current
VF
(2)
Forward voltage drop
Tj = 25 C
IF = 30 mA IF = 100 mA IF = 200 mA IF = 300 mA
1. Pulse test: tp = 5 ms, < 2 % 2. Pulse test: tp = 380 s, < 2 %
2/12
BAT30 Series Table 4.
Symbol
Characteristics
Dynamic characteristics
Parameter Test conditions VR = 0 V, F = 1 MHz Min. Typ 22 14 6 pF Max. Unit
C
Diode capacitance
VR = 1 V, F = 1 MHz VR = 10 V, F = 1 MHz
Figure 1.
Power dissipation versus average forward current
Figure 2.
Average forward current versus ambient temperature ( = 1)
P (W)
0.175
=0.05 =0.2 =0.1 =0.5 =1
IF(AV) (A)
0.35 0.30 0.25 0.20 0.15
0.150 0.125 0.100 0.075 0.050 0.025
T
0.10 0.05 0.00
T
IF(AV) (A)
0.000 0.00 0.05 0.10 0.15 0.20
=tp/T
0.25 0.30
tp
0.35
=tp/T
0 25
tp
50
Tamb ( C)
75
100
125
150
Figure 3.
Relative variation of thermal impedance junction to ambient versus pulse duration (SOT-23)
Figure 4.
Relative variation of thermal impedance junction to ambient versus pulse duration (SOT-323 / SOD-323)
Zth(j-a) /Rth(j-a)
1.E+00
Single pulse SOT-23
Zth(j-a) /Rth(j-a)
1.E+00
Single pulse SOT-323/SOD-323
1.E-01
1.E-01
1.E-02
Alumine substrate 10 x 8 x 0.5 mm
1.E-02 1.E-03
tP(s)
1.E-02 1.E-01 1.E+00 1.E+01 1.E+02
tP(s)
1.E-03 1.E-03 1.E-02 1.E-01 1.E+00 1.E+01
Epoxy FR4 SCU=2.25 mm eCU=35 m
1.E+02
1.E+03
3/12
Characteristics
BAT30 Series
Figure 5.
Relative variation of thermal impedance junction to ambient versus pulse duration (SOT-666)
Figure 6.
Relative variation of thermal impedance junction to ambient versus pulse duration (SOD-523)
Zth(j-a) /Rth(j-a)
1.E+00
Single pulse SOT-666
Zth(j-a) /Rth(j-a)
1.E+00
Single pulse SOD-523
1.E-01
1.E-01
1.E-02
tP(s)
1.E-02 1.E-03 1.E-02 1.E-01
Epoxy FR4 eCU=35 m
tP(s)
Epoxy FR4 eCU=35 m
1.E-03
1.E+00 1.E+01
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Figure 7.
Relative variation of thermal impedance junction to ambient versus pulse duration (SOD-323)
Figure 8.
Leakage current versus reverse applied voltage (typical values)
Rth(j-a) (C/W)
600
Epoxy FR4 eCU=35 m
1.E-02
IR (A)
Tj=150C
1.E-03
500
Tj=125C
1.E-04
400
Tj=85C
1.E-05
300
1.E-06
SCU(mm)
Tj=25C
200 0 5 10 15
1.E-07
20 25 30 35 40 45 50
VR (V) 0 5 10 15 20 25 30
Figure 9.
Relative variation of reverse leakage current versus junction temperature (typical values)
Figure 10. Junction capacitance versus reverse applied voltage (typical values)
C(pF)
100
F=1 MHz VOSC=30 mVRMS Tj=25 C
IR[T j] / IR[T j=25C]
1.E+04
VR=30 V
1.E+03
1.E+02
10
1.E+01
1.E+00
1.E-01 Tj(C) 1.E-02 -40 -20 0 20 40 60 80 100 120 140 160
1 1 10 100 VR(V)
4/12
BAT30 Series
Ordering information scheme
Figure 11. Forward voltage drop versus forward current (typical values)
IFM(A)
1.E+01
Figure 12. Forward voltage drop versus forward current (typical values)
IFM(A)
1.E+01
1.E+00
Tj=150 C
1.E+00
1.E-01
Tj=85 C
1.E-01
Tj=125 C
1.E-02
1.E-02
Tj=25 C
1.E-03
Tj=-40 C
1.E-03
VFM(V)
1.E-04 0.0 0.1 0.2 0.3 0.4 0.5 0.6
1.E-04
0.9 1.0 1.1 1.2 1.3
VFM(V) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
0.7
0.8
2
Ordering information scheme
BAT30
Signal Schotky diodes VRRM = 30 V Configuration Blank = Single diode A = Common anode C = Common cathode S = Series diodes 07 = Parallel diodes 09 = Opposite diodes Package Blank = SOT-23 J = SOD-323 W = SOT-323 K = SOD-523 P6 = SOT-666 Packing FILM = Tape and reel
xx
xx
FILM
5/12
Package information
BAT30 Series
3
Package information
Epoxy meets UL94, V0 Table 5. SOD-323 dimensions
Dimensions Ref.
H b E A1
Millimeters Min. Max. 1.17 0 0.25 0.1 1.52 1.11 2.3 0.1 0.1 0.1 0.44 0.25 1.8 1.45 2.7 0.46 0.41 0
Inches Min. Max. 0.046 0.004 0.017 0.01 0.071 0.057 0.106 0.02 0.016
A A1
D A
b c
0.01 0.004 0.06 0.044 0.09 0.004 0.004
c
Q1
D E
L
H L Q1
Figure 13. SOD-323 footprint (dimensions in mm)
3.20
0.30
1.06
1.08
1.06
6/12
BAT30 Series Table 6. SOD-523 dimensions
Package information
Dimensions
E 0.15 M C A B E1 B
Ref.
Millimeters Min. Typ. 0.60 1.60 1.20 0.80 Max. 0.70 1.70 1.30 0.90 0.35 0.20 0.20 0.25 0.20 Min. 0.020 0.059 0.043 0.028 0.010 0.003 0.006 0.004
Inches Typ. 0.024 0.063 0.047 0.031 Max. 0.028 0.067 0.051 0.035 0.014 0.008 0.008 0.010 0.008
2xb
D
A E
8
0.50 1.50 1.10 0.70 0.25 0.07 0.15 0.10
0.20 M C A B A R0.1
E1
A
SEATING PLANE
c C L 7
D b c
L1
L L1
Figure 14. SOD-523 footprint (dimensions in mm)
0.7 0.3 2
7/12
Package information Table 7. SOT-23 dimensions
Dimensions Ref.
A
E
BAT30 Series
Millimeters Min. Max. 1.4 0.1 0.51 0.18 3.04 1.05 2.1 1.6 2.75 0.6 typ. 0.35 0.65
Inches Min. 0.035 0 0.012 0.003 0.108 0.033 0.067 0.047 0.083 Max. 0.055 0.004 0.02 0.007 0.12 0.041 0.083 0.063 0.108
A A1
e B e1
D
0.89 0 0.3 0.085 2.75 0.85 1.7 1.2 2.1
B c
S A1
D e e1
L
H
c
E H L S
0.024 typ. 0.014 0.026
Figure 15. SOT-23 footprint (dimensions in mm)
0.95
0.61
1.26
0.73
3.25
8/12
BAT30 Series Table 8. SOT-323 dimensions
Package information
Dimensions
A
E
Ref.
Millimeters Min. Typ. Max. 1.1 0.1 0.4 0.26 2.0 1.25 0.65 1.8 0.1 0 2.1 0.2 2.4 0.3 30 0.071 0.004 0 2.2 1.35 Min. 0.031 0.0 0.010 0.004 0.071 0.045
Inches Typ. Max. 0.043 0.004 0.016 0.010 0.079 0.049 0.026 0.083 0.008 0.094 0.012 30 0.086 0.053
A
e b
D
0.8 0.0 0.25 0.1 1.8 1.15
A1 b c
A1
D E e
c H
L
H L q
Figure 16. SOT-323 footprint (dimensions in mm)
0.95
1.0
2.9
0.8
0.50
9/12
Package information Table 9. SOT-666 dimensions
BAT30 Series
Dimensions
b1 L1
Ref.
Millimeters Min. Typ. Max. Min.
Inches Typ. Max. 0.024 0.007 0.013
L3 b
A A3 b
D E1
0.45 0.08 0.17 0.19 1.50 1.50 1.10 0.50 0.19 0.10 0.10 0.27
0.60 0.018 0.18 0.003 0.34 0.007
b1 D
0.34 0.007 0.011 0.013 1.70 0.059 1.70 0.059 1.30 0.043 0.020 0.007 0.30 0.004 0.004 0.012 0.067 0.067 0.051
A
E
L2 E A3
E1 e L1 L2
e
L3
Figure 17. SOT-666 footprint (dimensions in mm)
0.50
0.62
2.60
0.99
0.30
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
10/12
BAT30 Series
Ordering information
4
Ordering information
Part Number BAT30FILM BAT30SFILM BAT30CFILM BAT30AFILM BAT30WFILM BAT30SWFILM BAT30CWFILM BAT30AWFILM BAT30JFILM BAT30KFILM BAT30-07P6FILM BAT30-09P6FILM Marking B30 S30 C30 A30 B30 S30 C30 A30 30 30 P3 Q3 Package SOT-23 Single SOT-23 Serial SOT-23 Common cathode SOT-23 Common anode SOT-323 Single SOT-323 Serial SOT-323 Common cathode SOT-323 Common anode SOD-323 SOD-523 SOT-666 Parallel SOT-666 Opposite Weight 10 mg 10 mg 10 mg 10 mg 6 mg 6 mg 6 mg 6 mg 5 mg 1.4 mg 2.9 mg 2.9 mg Base qty 3000 3000 3000 3000 3000 3000 3000 3000 3000 3000 5000 5000 Delivery mode Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel Tape and reel
5
Revision history
Date 24-Jul-2006 Revision 1 First issue Description of Changes
11/12
BAT30 Series
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
12/12


▲Up To Search▲   

 
Price & Availability of BAT30AKFILM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X